Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download APC209OI-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 c h a n n e l r a i l t o r a i l o u t p u t o p e r a t i n g a m p l i f i e r c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . f e a t u r e s a p p l i c a t i o n s a m p l i f i e r s f i l t e r s a n a l o g c i r c u i t g e n e r a l d e s c r i p t i o n operating voltage: vdd : 2.4v~6.0v low input current rail to rail output swing push-pull output driving high output current drive :100ma wide bandwidth: 7mhz fast slew rate 5v/ms available in 14 pin tssop package lead free and green devices available (rohs compliant) s i m p l i f i e d a p p l i c a t i o n c i r c u i t input 1/2 v dd output the apc209 consists of four independent, high gain and high output driver current, cmos operating amplifier,com- bining rail to rail output range with large output current. it provides a low input bias current 2pa. the output swing of the amplifier, guaranteed for loads down to 1k w and output current to an 10 w load from a 5v power supply. apc209 is designed to operate at 3v, especially well- suited for low voltage application. o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . apc209 handling code temperature range package code apc209 xxxxx xxxxx - date code assembly material package code o : tssop-14 operating ambient temperature range i : -40 to 85 c handling code tr : tape & reel assembly material g : halogen and lead free device apc209 o :
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 2 p i n c o n f i g u r a t i o n 13 4inn 2out 7 2inp 5 1inn 2 1inp 3 2inn 6 vdd 4 12 4inp 8 3out 11 gnd 14 4out 10 3inp 9 3inn 1out 1 apc209 top view a b s o l u t e m a x i m u m r a t i n g s ( n o t e 1 ) note 1 : absolute maximum ratings are those values beyond which the life of a device may be impaired. exposure to absolute maximum rating conditions for extended periods may affect device reliability. symbol parameter rating unit v dd supply voltage (v dd to gnd) - 0.3 ~ 6 v input voltage (inn,inp to gnd) - 0.3 ~ v dd +0.3 v p d power dissipation internally limited w t j maximum junction temperature 150 o c t stg storage temperature - 65 ~ 150 o c t sdr maxi mum lead soldering temperature , 10 seconds 26 0 o c t h e r m a l c h a r a c t e r i s t i c s symbol parameter typical value unit q ja junction - to - ambient resistance in free air (note 2) tssop - 14 100 o c/w note 2 : q ja is measured with the component mounted on a high effective thermal conductivity test board in free air. r e c o m m e n d e d o p e r a t i o n c o n d i t i o n s ( n o t e 3 ) note 3 : refer to the typical application circuit symbol parameter range unit v dd supply voltage 2.4 ~ 5.5 v v icm common mode input voltage 0 ~ v dd - 1 v t a ambient temperature - 40 ~ 85 o c t j junction temperature - 40 ~ 125 o c
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 3 e l e c t r i c a l c h a r a c t e r i s t i c s ap c209 symbol parameter test conditions min typ max unit t a =25 o c v os input offset voltage - 25 o c c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 4 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s s u p p l y c u r r e n t v s . s u p p l y v o l t a g e s u p p l y v o l t a g e ( v ) supply current (ma) s u p p l y c u r r e n t v s . t e m p e r a t u r e supply current (ma) t e m p e r a t u r e ( c ) i n p u t o f f s e t v o l t a g e v s . t e m p e r a t u r e input offset voltage (mv) t e m p e r a t u r e ( c ) s u p p l y v o l t a g e ( v ) i n p u t c o m m o n m o d e v o l t a g e v s . s u p p l y v o l t a g e input common mode voltage (v) o u t p u t s w i n g v s . t e m p e r a t u r e output swing (v) t e m p e r a t u r e ( c ) o u t p u t s w i n g v s . s u p p l y v o l t a g e s u p p l y v o l t a g e ( v ) output swing (v) 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -25 0 25 50 75 v dd =5v 0 1 2 3 4 5 6 7 -25 0 25 50 75 v dd =5v 0 0.5 1 1.5 2 2.5 3 3.5 4 0 1 2 3 4 5 6 7 no load 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 r l =2k w 0 1 2 3 4 5 6 -25 0 25 50 75 v dd =5v, r l =2k w
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 5 o u t p u t c u r r e n t v s . o u t p u t s w i n g o u t p u t s w i n g v s . l o a d r e s i s t a n c e t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) output swing (ma) o u t p u t s w i n g ( v ) output swing (v) l o a d r e s i s t a n c e ( w ) s i n k c u r r e n t v s . o u t p u t v o l t a g e o u t p u t v o l t a g e r e f e r r e d t o g r o u n d ( v ) sink current (ma) s o u r c e c u r r e n t v s . o u t p u t v o l t a g e source current (ma) o u t p u t v o l t a g e r e f e r r e d t o v d d ( v ) l a r g e s i g n a l v o l t a g e g a i n v s . f r e q u e n c y f r e q u e n c y ( h z ) gain (db) l a r g e s i g n a l f r e q u e n c y r e s p o n s e output swing (v) f r e q u e n c y ( h z ) 0.1 1 10 100 1000 0 1 2 3 4 5 6 v dd =5v 0 1 2 3 4 5 6 10 100 1k 10k v dd =5v 0 50 100 150 200 250 300 350 400 450 500 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v dd =5v 0 50 100 150 200 250 300 350 400 450 500 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v dd =5v +0 +100 +10 +20 +30 +40 +50 +60 +70 +80 +90 10 10m 100 1k 10k 100k 1m v dd =5v 0 1 2 3 4 5 6 10 100 1k 10k 100k 1m 10m v dd =5v, r l =2k w
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 6 50 55 60 65 70 75 80 85 90 95 100 1 2 3 4 5 s u p p l y v o l t a g e ( v ) l a r g e s i g n a l v o l t a g e g a i n v s . s u p p l y v o l t a g e av (db) c m r r v s . f r e q u e n c y f r e q u e n c y ( h z ) cmrr (db) p s r r v s . f r e q u e n c y f r e q u e n c y ( h z ) psrr (db) v o l t a g e f o l l o w e r p u l s e r e s p o n s e t i m e ( m s ) output voltage (v) input voltage (v) t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) t i m e ( m s ) v o l t a g e f o l l o w e r p u l s e r e s p o n s e output voltage (v) input voltage (v) -100 +0 -90 -80 -70 -60 -50 -40 -30 -20 -10 10 100k 100 1k 10k v dd =5v,r l =10k w -80 +0 -70 -60 -50 -40 -30 -20 -10 10 100k 100 1k 10k v dd =5v v rr =100mvpp/100hz -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 -0.5 0.2 -0.4 -0.3 -0.2 -0.1 0 0.1 1 2 0 3 4 v dd =5v,c l =270pf 0 1 2 3 4 5 6 7 8 9 -4 -3 -2 -1 0 1 2 3 4 5 0 1 2 3 4 5 v dd =5v,r l =2k w
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 7 p i n d e s c r i p t i o n pin no. name f unction 1 1out the output pin of 1st operating amplifier. 2 1inn the inverting input pin of 1st operating amplifier. 3 1inp the non - inverting input pin of 1st operating amplifier. 4 vdd operating amplifier ? s supply voltage pin. 5 2inp the non - inverting input pin of 2nd operating amplifier. 6 2inn the inverting input pin of 2nd operating amplifier. 7 2out the output pin of 2nd operating amplifier. 8 3out the output pin of 3rd operating amplifier. 9 3inn the inverting input pin of 3r d operating amplifier. 10 3inp the non - inverting input pin of 3rd operating amplifier. 11 gnd operating amplifier ? s ground. 12 4inp the non - inverting input pin of 4th operating amplifier. 13 4inn the inverting input pin of 4th operating amplifier. 14 4out the output pin of 4th operating amplifier. b l o c k d i a g r a m 1out 2out 3out 4out 1inn 2inn 3inn 4inn 1inp 2inp 3inp 4inp vdd gnd
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 8 p a c k a g e i n f o r m a t i o n t s s o p - 1 4 note : 1. followed from jedec mo-153 ab-1. 2. dimension "d" does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side . 3. dimension "e1" does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. 6.20 6.60 0.244 0.260 s y m b o l min. max. 1.20 0.05 0.09 0.20 4.90 5.10 0.15 a a1 c d e e l millimeters b 0.19 0.30 0.65 bsc tssop-14 0.45 0.75 0.026 bsc min. max. inches 0.047 0.002 0.007 0.012 0.004 0.008 0.193 0.201 0.169 0.177 0.018 0.030 0 o 8 o 0 o 8 o 0.006 a2 0.80 1.05 4.30 4.50 e1 0.031 0.041 q view a seating plane gauge plane l q 0 . 2 5 a a 2 a 1 see view a c d e b e 1 e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 9 application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 16.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.50 ? 0.10 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 tssop - 14 4.00 ? 0.10 8.00 ? 0.10 2.00 ? 0.10 1.5+0.10 - 0.00 1.5 min. 0.6+0.0 0 - 0.40 6.40 ? 0.20 5.20 ? 0.20 1.60 ? 0.20 (mm) c a r r i e r t a p e & r e e l d i m e n s i o n s h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 d e v i c e s p e r u n i t package type unit quantity tssop - 14 tape & reel 2500
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 1 0 t a p i n g d i r e c t i o n i n f o r m a t i o n t s s o p - 1 4 c l a s s i f i c a t i o n p r o f i l e user direction of feed
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 1 1 c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c hbm mil - std - 883 - 3015.7 vhbm ? 2kv mm jesd - 22, a115 vmm ? 200v latch - up jesd 78 10ms, 1 tr ? 100ma
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 9 a p c 2 0 9 w w w . a n p e c . c o m . t w 1 2 c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8


▲Up To Search▲   

 
Price & Availability of APC209OI-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X